|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L1935 - Low Noise Amplifier 1800-1950 MHz, 35 dB Gain, 0.9dB Noise Figure - PREMIER DEVICES, INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AM-AMC-142 | Low Noise Amplifier 12 dB Gain 200 - 1000 MHz | 1 2 3 | Tyco Electronics |
| AM-160 | Low Noise Amplifier 28 dB Gain 100 - 600 MHz | 1 2 3 | Tyco Electronics |
| AMC-AMS-162 | Low Noise Amplifier 12.5 dB Gain 10 - 100 MHz | 1 2 3 | Tyco Electronics |
| NTE199 | Silicon NPN Transistor Low Noise High Gain Amplifier | 1 2 | NTE Electronics |
| TO-0812LN | Plug-In Low Noise Amplifier 800 to 1200 MHz | 1 | Mini-Circuits |
| CHA2395 | 36-40GHz Low Noise Very High Gain Amplifier | 1 2 3 4 5 More | United Monolithic Semiconductors |
| DAML6280 | Variable Gain Low Noise Amplifier | 1 | DAICO Industries, Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|