|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
H23A1 - PLASTIC SIDELOOKER PAIR - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SN75ALS181 | DIFFERENTIAL DRIVER AND RECEIVER PAIR | 1 2 3 4 5 More | Texas Instruments |
| DMDT9922 | PNP DUAL MATCHED PAIR SURFACE MOUNT TRANSISTOR | 1 2 | Diodes Incorporated |
| SP3220EB | High Speed +3.0V to +5.5V RS-232 Driver/Receiver Pair | 1 2 3 4 5 More | Sipex Corporation |
| 2SB717 | LOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair with 2SB757 and 2SB758 | 1 | Hitachi Semiconductor |
| 2SB1063 | High Power Amplifier Complementary Pair with 2SD1499 | 1 | Panasonic Semiconductor |
| EL2141 | 150MHz Differential Twisted Pair Driver | 1 2 3 4 5 More | Intersil Corporation |
| ALD110804 | QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY | 1 2 | Advanced Linear Devices |
| DP83220 | CDL Twisted Pair FDDI Transceiver Device | 1 2 3 4 5 More | National Semiconductor |
| BD241B | Complementary Silicon Plastic Power Transistors | 1 2 3 4 5 More | Motorola, Inc |
| NTE5812 | 6 Amp Plastic Silicon Rectifier | 1 | NTE Electronics |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|