|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OVSTKGBBCR9 - Full Color .35mm Height Chip LED - OPTEK Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LT1550W | Full Color Dot Matrix LED Unit for Indoor Use Chip Type | 1 2 | Sharp Electrionic Components |
| LT1W92A | 3030 Size 1.1mm Thickness MID* Type Full Color Leadless Chip LED Device | 1 | Sharp Electrionic Components |
| NSSM016AT | NICHIA CHIP TYPE FULL COLOR LED | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LT1W67A | 1616 Size 0.8mm Thickness Compact Full Color Leadless Chip LED Device | 1 | Sharp Electrionic Components |
| LNQ13001 | FULL COLOR LED LAMP FOR OUTDOOR USE | 1 | Panasonic Semiconductor |
| LT1560W | Full Color Dot Matrix LED Unit for Indoor Use Chip Type | 1 2 | Sharp Electrionic Components |
| LNQ15001 | FULL COLOR LED LAMP FOR OUTDOOR USE | 1 | Panasonic Semiconductor |
| LEF-C5001T | FULL COLOR LED LAMPS | 1 | List of Unclassifed Manufacturers |
| TB62718AF | FULL COLOR LED MODULE AND PANEL SPECIAL CONTROLLER AND LED DRIVER | 1 2 3 4 5 More | Toshiba Semiconductor |
| LNQ70403 | FULL COLOR LED LAMP FOR OUTDOOR USE | 1 | Panasonic Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|