|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPC1676B - 1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| INA-30311 | 1 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| HMC548LP3 | SiGe HBT MMIC LOW NOISE AMPLIFIER 1.2 - 3.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| INA-50311 | 1 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| UPC2713T | 1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 | NEC |
| INA-51063 | 2.4 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| MAAM12000-A1 | Low Noise GaAs MMIC Amplifier 1.2 - 1.75 GHz | 1 2 3 | Tyco Electronics |
| INA-52063 | 1.5 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| INA-54063 | 3.0 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| INA-03184 | Low Noise Cascadable Silicon Bipolar MMIC Amplifier | 1 2 3 4 | Agilent(Hewlett-Packard) |
| MGA-86576 | 1.5 - 8 GHz Low Noise GaAs MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|