|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CV221-2A - 1.9 - 2.4 GHz Dual-Branch Downconverter - WJ Communication. Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MRFIC2401 | 2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 More | Motorola, Inc |
| FSTH-03R-2 | 1.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner | 1 | Hitachi Metals, Ltd |
| NRF2401 | Single chip 2.4 GHz Transceiver | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| HMC214MS8 | HIGH IP3 GaAs MMIC MIXER 2.4 - 4.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| CC2431 | System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine | 1 2 3 4 5 More | Texas Instruments |
| MAALSS0013 | Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz | 1 2 3 4 5 More | Tyco Electronics |
| MRFIC1502 | 1.575 GHz GPS DOWNCONVERTER | 1 2 3 4 5 More | Motorola, Inc |
| MD59-0021 | PCS CDMA LNA / Downconverter 1.8-2.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MA1046-1 | For 1.9 GHz - Power Amplifier | 1 | Mitsubishi Electric Semiconductor |
| P0511946H | 1.9 GHz band Power Amplifier Module | 1 2 3 4 5 | Eudyna Devices Inc |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|