|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
K1603T - 14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K1525C | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
| K1603TE | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
| K1524A | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
| MVH | 8 pin DIP 5.0 Volt HCMOS/TTL VCXO | 1 | MTRONPTI |
| MVP | 14 pin DIP 5.0 Volt PECL VCXO | 1 | MTRONPTI |
| K1528D | 14 pin DIP 5.0 Volt CMOS VCXO | 1 | MTRONPTI |
| K1602TE | 14 pin DIP 5.0 Volt CMOS/TTL TCVCXO | 1 | MTRONPTI |
| K1523BA | 14 DIP 5.0 Volt Sinewave VCXO | 1 2 | MTRONPTI |
| K1601TE | 14 pin DIP 5.0 Volt CMOS/TTL TCVCXO | 1 | MTRONPTI |
| XO5160 | 14 pin DIP 5.0 Volt HCMOS/TTL OCXO | 1 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|