|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
K1536BLC - 3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K1536CLC | 3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator | 1 2 | MTRONPTI |
| K1526CLC | 5V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator | 1 2 | MTRONPTI |
| K1526BLC | 5V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator | 1 2 | MTRONPTI |
| K1526A | 5V 9x14mm Surface Mount Voltage Controlled Crystal Oscillator | 1 2 | MTRONPTI |
| VX81 | SURFACE MOUNT VOLTAGE CONTROLLED CRYSTAL OSCILLATOR | 1 2 | List of Unclassifed Manufacturers |
| F1533A | 3.3V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators | 1 2 | List of Unclassifed Manufacturers |
| MLO80100-01020 | Surface Mount Voltage Controlled Oscillator EGSM 1000 - 1040 MHz | 1 2 | Tyco Electronics |
| MLO80100-00940 | Surface Mount Voltage Controlled Oscillator EGSM 920 - 960 MHz | 1 2 | List of Unclassifed Manufacturers |
| MTCVO1121 | Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators TCVCXO | 1 | MTRONPTI |
Datasheet Page |
1 2 |
Link URL |
|
|