|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
K1527A - 5V Voltage Controlled Crystal Oscillators - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MTCVO31 | Temperature Compensated Voltage Controlled Crystal Oscillators TCVCXO | 1 | MTRONPTI |
| MTCVO1121 | Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators TCVCXO | 1 | MTRONPTI |
| K573A | 3.3V Voltage Controlled Crystal Oscillators | 1 2 | List of Unclassifed Manufacturers |
| K570A | 5V Voltage Controlled Crystal Oscillators | 1 2 | List of Unclassifed Manufacturers |
| 97SMOV | Voltage Controlled Crystal Oscillators =3.3V or =5.0V MODELS | 1 | List of Unclassifed Manufacturers |
| K1700A | 5V Temperature Compensated Voltage Controlled Crystal Oscillators | 1 2 | MTRONPTI |
| K1570AQH | 5V Voltage Controlled Crystal Oscillators | 1 2 | MTRONPTI |
| K1613 | 3.3V Voltage Controlled Temperature Compensated Crystal Oscillators | 1 2 | MTRONPTI |
| K1570AQG | 5V Voltage Controlled Crystal Oscillators | 1 2 | MTRONPTI |
| K1570AQA | 5V Voltage Controlled Crystal Oscillators | 1 2 | MTRONPTI |
Datasheet Page |
1 2 |
Link URL |
|
|