|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
MHO - 14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M3H | 8 pin DIP 5.0 or 3.3 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K1100BA | 14 PIN dip 5.0 volt clock oscillator | 1 2 | MTRONPTI |
| K500 | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| M3E | 14 pin DIP 3.3 Volt ECL/PECL Clock Oscillator | 1 | MTRONPTI |
| MEH | 8 pin DIP 5.0 Volt ECL PECL Clock Oscillators | 1 | MTRONPTI |
| M3A | 8 pin DIP 5.0 or 3.3 Volt ACMOS/TTL Clock Oscillators | 1 | MTRONPTI |
| M3EH | 8 pin DIP 3.3 Volt ECL/PECL Clock Oscillator | 1 | MTRONPTI |
| M7S | 9x14 mm 5.0 or 3.3 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K1603TE | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
| K1525C | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|