|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MVXA - 5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M6029 | 5x7 mm 3.0 Volt Clipped Sinewave TCXO/TCVCXO | 1 | MTRONPTI |
| M6027 | 3.2 x 5 mm 3.0 Volt Clipped Sinewave TCXO/TCVCXO | 1 | MTRONPTI |
| MTCO1112 | 13.1 x 11.7 mm 3.0 or 5.0 Volt Clipped Sinewave TCXO | 1 | MTRONPTI |
| K1602SE | 14 DIP 5.0 Volt Sinewave TCVCXO | 1 | MTRONPTI |
| XO5019 | 2x2 inch 12.0 Volt CMOS/Sinewave OCXO | 1 | MTRONPTI |
| XO5030 | 1.5x1.5 inch 12.0 Volt HCMOS/Sinewave OCXO | 1 | MTRONPTI |
| XO5040 | 2x2 inch 15.0 Volt HCMOS/Sinewave DOCXO | 1 | MTRONPTI |
| XO5051 | 2x2 inch 12.0 & 15.0 Volt Sinewave OCXO | 1 | MTRONPTI |
| XO5080 | 1x1 inch 5.0 Volt HCMOS or Sinewave OCXO | 1 | MTRONPTI |
| MTXV | 14 DIP 5.0 Volt HCMOS/TTL TCVCXO | 1 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|