|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MTXV - 14 DIP, 5.0 Volt, HCMOS/TTL, TCVCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K1602TE | 14 pin DIP 5.0 Volt CMOS/TTL TCVCXO | 1 | MTRONPTI |
| K1602SE | 14 DIP 5.0 Volt Sinewave TCVCXO | 1 | MTRONPTI |
| K1601TE | 14 pin DIP 5.0 Volt CMOS/TTL TCVCXO | 1 | MTRONPTI |
| MTXO | 14 DIP 5.0 Volt HCMOS/TTL TCXO | 1 | MTRONPTI |
| K1603TE | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
| K1525C | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
| K1603T | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
| K1524A | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
| MVH | 8 pin DIP 5.0 Volt HCMOS/TTL VCXO | 1 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|