|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MTXO - 14 DIP, 5.0 Volt, HCMOS/TTL, TCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K1602T | 14 DIP 5.0 Volt CMOS/TTL TCXO | 1 | MTRONPTI |
| K1601T | 14 DIP 5.0 Volt CMOS/TTL TCXO | 1 | MTRONPTI |
| K1601 | 14 pin DIP 5.0 Volt Sinewave TCXO | 1 2 | MTRONPTI |
| OXO3050 | 1.5x1.5 inch 5.0 & 10.0 Volt TTL/HCMOS/Sinewave TCXO | 1 | MTRONPTI |
| MTCO1112 | 13.1 x 11.7 mm 3.0 or 5.0 Volt Clipped Sinewave TCXO | 1 | MTRONPTI |
| XO3067 | 1x1.4 inch 5.0 Volt TTL/HCMOS/Sinewave TCXO | 1 | MTRONPTI |
| MTXV | 14 DIP 5.0 Volt HCMOS/TTL TCVCXO | 1 | MTRONPTI |
| K1603TE | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|