|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MTCO1112 - 13.1 x 11.7 mm, 3.0 or 5.0 Volt, Clipped Sinewave, TCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MVX | 5x7 mm 3.0/3.3/5.0 Volt Clipped Sinewave TCVCXO | 1 | MTRONPTI |
| M6027 | 3.2 x 5 mm 3.0 Volt Clipped Sinewave TCXO/TCVCXO | 1 | MTRONPTI |
| M6029 | 5x7 mm 3.0 Volt Clipped Sinewave TCXO/TCVCXO | 1 | MTRONPTI |
| OXO3030 | 1x1.25 inch 3.3 & 5.0 Volt HCMOS/Sinewave TCXO | 1 | MTRONPTI |
| OXO3050 | 1.5x1.5 inch 5.0 & 10.0 Volt TTL/HCMOS/Sinewave TCXO | 1 | MTRONPTI |
| XO3067 | 1x1.4 inch 5.0 Volt TTL/HCMOS/Sinewave TCXO | 1 | MTRONPTI |
| XO3070 | 1x1 inch 5.0 Volt TTL/HCMOS/Sinewave TCXO | 1 | MTRONPTI |
| XO3080 | 1.8x8 inch 3.3 & 5.0 Volt HCMOS/Sinewave TCXO | 1 | MTRONPTI |
| XO3090 | 0.8x0.8 inch 5.0 Volt HCMOS/Sinewave TCXO | 1 | MTRONPTI |
| XO3280 | 0.7x0.5 inch 3.3 & 5.0 Volt HCMOS/Sinewave TCXO | 1 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|