|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MSO3C - 3.3V 9x11mm Surface Mount Crystal Clock Oscillators - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MSO2 | 5V 9x11mm Surface Mount Crystal Clock Oscillators | 1 2 | MTRONPTI |
| CMO3 | 3.3V 5x7mm Surface Mount Crystal Clock Oscillators | 1 2 | List of Unclassifed Manufacturers |
| F1300C | 3.3V FR-4 Surface Mount Crystal Clock Oscillators | 1 2 | List of Unclassifed Manufacturers |
| F1533A | 3.3V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators | 1 2 | List of Unclassifed Manufacturers |
| K1536BLC | 3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator | 1 2 | MTRONPTI |
| CMO5 | 5V 5x7mm Surface Mount Crystal Clock Oscillators | 1 2 | List of Unclassifed Manufacturers |
| MSO | 5V 9x14mm Surface Mount Crystal Clock Oscillators | 1 2 | MTRONPTI |
| F1100C | 5V FR-4 Surface Mount Crystal Clock Oscillators | 1 2 | List of Unclassifed Manufacturers |
| K1536CLC | 3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator | 1 2 | MTRONPTI |
Datasheet Page |
1 2 |
Link URL |
|
|