|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MF-10KDS-T12-060 - SONET/SDH TRANSMITTER & RECIEVER - Mitsubishi Electric Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MF-156DF-T12-20X | SONET/SDH TRANSMITTER & RECIEVER | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MF-2500DS-T12-18X | SONET/SDH TRANSMITTER & RECIEVER | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| DS90C363A | +3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD Link-65 MHz +3.3V LVDS Transmitter 18-Bit Flat Panel Display FPD Link-65 MHz | 1 2 3 4 5 More | National Semiconductor |
| PCA8521 | Infrared remote control transmitter RC5 | 1 2 3 4 5 More | NXP Semiconductors |
| SCN68681 | Dual asynchronous receiver/transmitter DUART | 1 2 3 4 5 More | NXP Semiconductors |
| UC1724 | Isolated Drive Transmitter | 1 2 3 4 | Texas Instruments |
| PT2243 | Remote Control Transmitter | 1 2 3 | Princeton Technology Corp |
| LC7463M | Infrared Remote Control Transmitter IC | 1 2 3 4 5 More | Sanyo Semicon Device |
| AD694 | 4.20 mA Transmitter | 1 2 3 4 5 More | Analog Devices |
| DS229 | Triple RS-232 Transmitter/Receiver | 1 2 3 4 5 More | Dallas Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|