|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NJU6369 - 1.5V Operation Fundamental Quartz Crystal Oscillator - New Japan Radio |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NJU6360 | High Drive Fundamental Quartz Crystal Oscillator | 1 2 3 4 5 | New Japan Radio |
| SM5013 | Quartz Crystal Oscillator IC | 1 2 3 4 5 More | Nippon Precision Circuits Inc |
| NJU6318 | QUARTZ CRYSTAL OSCILLATOR | 1 2 3 4 5 | New Japan Radio |
| NJU6321 | QUARTZ CRYSTAL OSCILLATOR | 1 2 3 4 5 | New Japan Radio |
| NJU6333 | QUARTZ CRYSTAL OSCILLATOR | 1 2 3 4 | New Japan Radio |
| NJU6366 | Small Sized Quartz Crystal Oscillator | 1 2 3 4 5 More | New Japan Radio |
| NJU6391 | QUARTZ CRYSTAL OSCILLATOR | 1 2 3 4 5 | New Japan Radio |
| NJU6322 | QUARTZ CRYSTAL OSCILLATOR | 1 2 3 4 5 | New Japan Radio |
| NJU6361A | QUARTZ CRYSTAL OSCILLATOR | 1 2 3 4 | New Japan Radio |
| NJU6397 | 3rd. Over Tone Quartz Crystal Oscillator for 135MHz | 1 2 3 4 5 | New Japan Radio |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|