|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AT431 - 1.24V low-Voltage Adjustable Precision Shunt Regulator - Aimtron Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L432 | 1.24V Low-Voltage Adjustable Precision Shunt Regulator | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| RC0431A | Low-Voltage Adjustable Precision Shunt Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| SPX432 | Ultra 1.24V Precision Adjustable Shunt Regulator | 1 2 3 4 5 More | Sipex Corporation |
| SPX432L | Ultra 1.24V Precision Adjustable Shunt Regulator | 1 2 3 4 5 More | Sipex Corporation |
| SPX1432 | 1.24V Precision Adjustable Shunt Regulator | 1 2 3 4 5 More | Sipex Corporation |
| LMV431 | Low-Voltage 1.24V Adjustable Precision Shunt Regulators | 1 2 3 4 5 More | National Semiconductor |
| TLVH431A | LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| AT431 | Low-Voltage Adjustable Precision Shunt Regulator | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| L431 | 2.5V Low-Voltage Adjustable Precision Shunt Regulator | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|