|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PCB-D - D Subminiature Straight - ITT Industries |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| B15 | FEMALE HEADER 1.27mmX2.54mm PROFILE : 4.6mm STRAIGHT | 1 | DB Lectro Inc |
| CSMA3 | SMA Straight Connectors Direct Solder Cable Conductor used as Center Contact Type for Semi-Rigid Cable | 1 | ITT Industries |
| QTLP913-2 | SUBMINIATURE T-3/4 1.9 mm SOLID STATE LAMPS | 1 2 3 | QT Optoelectronics |
| GP1S93 | Subminiature Photointerrupter | 1 2 3 4 | Sharp Electrionic Components |
| 187-1 | Subminiature Krypton Lamps with Lens-End | 1 | Gilway Technical Lamp |
| PC236A | Subminiature Automotive PCB Power Relay | 1 2 | Picker Components |
| WHY5640 | Subminiature Temperature Controller | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| AZ987 | 30 AMP SUBMINIATURE POWER RELAY FOR AUTOMOTIVE USE | 1 2 | List of Unclassifed Manufacturers |
| 275 | SUBMINIATURE FUSES - Picofuse Lead Free | 1 2 | Littelfuse |
| 662 | Axial Lead and Cartridge Fuses - Subminiature | 1 2 | Littelfuse |
Datasheet Page |
1 |
Link URL |
|
|