Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 
Shortcut : OE-F8HT58EL(1)  OE-F8HT58EP(1)  OE-F8HT58ES(1)  

OE-F8HT58ES - Precision SC-cut OCXO in 36x27 mm ˇ°Europackˇ± - Nel Frequency Controls,inc

Click Here View OE-F8HT58ES Datasheet

Part No.OE-F8HT58ES
Description Precision SC-cut OCXO in 36x27 mm ˇ°Europackˇ±
Download OE-F8HT58ES Click here to View
File Size 40.01 Kbytes / 3 Pages
Maker NEL [Nel Frequency Controls,inc]
Homepage http://www.nelfc.com

Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
OD-X8HXXXXXPrecision SC-cut OCXO in 20x20 mm Through Hole Package Nel Frequency Controls,inc
OD-X8JXXXXXPrecision Low Power Consumption Fast Warm-up SC-cut OCXO in 20x20 mm Through Hole Package Nel Frequency Controls,inc
OF-X8HXXXXXPrecision SC-cut OCXO in 25x22 mm Low Profile SMD Package Nel Frequency Controls,inc
OGX8HXXXXXPrecision SC-cut OCXO in 1ˇ±x1ˇ± Through Hole Package Nel Frequency Controls,inc
C4505OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package Vectron International, Inc
C4530OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package Vectron International, Inc
C4600OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up Vectron International, Inc
C4700OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal Vectron International, Inc
C4710OCXO Low Phase Noise High Stability SC-Cut Crystal Standard Vectron International, Inc
C4550OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package Vectron International, Inc

Link URL :
Related keyword
  OE-F8HT58ES Datasheet   OE-F8HT58ES Cross Reference   OE-F8HT58ES Schematic   OE-F8HT58ES Distributor   OE-F8HT58ES Datenblatt   OE-F8HT58ES RoHS
  OE-F8HT58ES Equivalent   OE-F8HT58ES Application Notes   OE-F8HT58ES Data Sheet   OE-F8HT58ES component   OE-F8HT58ES Fiche Technique   OE-F8HT58ES Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer