Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

88CXX Datasheet (PDF) - Unisonic Technologies

88CXX Datasheet PDF - Unisonic Technologies
Part # 88CXX
Download  88CXX Download

File Size   215.94 Kbytes
Page   16 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR

88CXX Datasheet (PDF)

Go To PDF Page Download Datasheet
88CXX Datasheet PDF - Unisonic Technologies

Part # 88CXX
Download  88CXX Click to download

File Size   215.94 Kbytes
Page   16 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR

88CXX Datasheet (HTML) - Unisonic Technologies

Back Button 88CXX Datasheet HTML 1Page - Unisonic Technologies 88CXX Datasheet HTML 2Page - Unisonic Technologies 88CXX Datasheet HTML 3Page - Unisonic Technologies 88CXX Datasheet HTML 4Page - Unisonic Technologies 88CXX Datasheet HTML 5Page - Unisonic Technologies 88CXX Datasheet HTML 6Page - Unisonic Technologies 88CXX Datasheet HTML 7Page - Unisonic Technologies 88CXX Datasheet HTML 8Page - Unisonic Technologies 88CXX Datasheet HTML 9Page - Unisonic Technologies 88CXX Datasheet HTML 10Page - Unisonic Technologies Next Button 

88CXX Product details

DESCRIPTION
The UTC 88CXX series are highly accurate, low power consumption voltage detector, manufactured using CMOS process. The detection voltage is fixed internally, with an accuracy of ±2.0%. Besides, UTC 88CXX can easily delay a release signal by attachment of an external capacitor with built-in delay circuit.

FEATURES
* Highly accurate : 2.0%
* Hysteresis characteristics: 5% typ.
* Ultra-low current consumption: 1.0μA typ. (VDD=2.0V)
* Detection voltage ranges: 2.0~4.5V and step by 0.1V.
* Low operating voltage based on detection voltage
* Delay time setting by an additional external capacitor




Similar Part No. - 88CXX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88CXX UTC-88CXX Datasheet
258Kb / 13P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX Datasheet
330Kb / 12P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX-AF5-R UTC-88CXX-AF5-R Datasheet
258Kb / 13P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXXG-AE5-R UTC-88CXXG-AE5-R Datasheet
330Kb / 12P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXXG-AE5-R UTC-88CXXG-AE5-R Datasheet
320Kb / 12P
   CMOS IC
More results


Similar Description - 88CXX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88NXX_1112 UTC-88NXX_1112 Datasheet
242Kb / 8P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_12 Datasheet
330Kb / 12P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_10 Datasheet
258Kb / 13P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX Datasheet
185Kb / 5P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX_11 Datasheet
234Kb / 8P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_15 Datasheet
320Kb / 12P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9509C E-CMOS-EC9509C Datasheet
491Kb / 10P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
Leshan Radio Company
LR8809 LRC-LR8809 Datasheet
441Kb / 7P
   ULTRA-SMALL BUILT-IN DELAY HIGH-PRECISION VOLTAGE DETECTOR
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
   Voltage Detector with Delay Circuit Built-In
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com