|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SX1555 - 3.8x8.0x2.5 mm - 32.768 kHz, Surface Mount Crystals - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SX2060 | 4.6 x 12.5 x 3.7 mm Surface Mount Crystals | 1 | MTRONPTI |
| ECS-3X8 | 32.768 KHz TUNING FORK CRYSTALS | 1 | List of Unclassifed Manufacturers |
| DS-222 | Surface Mount Double-Balanced Mixer 200 KHz - 200 MHz | 1 2 | Tyco Electronics |
| A-SMD | HIGH ACCURACY SURFACE MOUNT CRYSTALS | 1 | Raltron Electronics Corporation |
| ATSM-49 | Surface Mount Crystals | 1 | MTRONPTI |
| SX2050 | SX2050 Surface Mount Crystals 5.0 X 13.0 X 4.2 mm | 1 | List of Unclassifed Manufacturers |
| VXE4 | VXE4 Surface Mount Crystals | 1 2 | Vectron International, Inc |
| CX-3V-SM | 18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators | 1 2 | List of Unclassifed Manufacturers |
| HC-49U | Surface Mount Crystals | 1 | MTRONPTI |
| SMAJ5.0 | Surface Mount Transient Voltage Suppressor | 1 2 3 4 5 | Taiwan Semiconductor Company, Ltd |
Datasheet Page |
1 |
Link URL |
|
|