|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XO5285 - Oven Controlled Crystal Oscillator - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OCVCXO-120A | Oven Controlled Crystal Oscillator | 1 | Kyocera Kinseki Corpotation |
| OCXO-131A | Oven Controlled Crystal Oscillator | 1 | Kyocera Kinseki Corpotation |
| TCO-639E | Oven Controlled Crystal Oscillator OCXO | 1 | List of Unclassifed Manufacturers |
| XO5083 | Oven Controlled Crystal Oscillator | 1 | MTRONPTI |
| XO5183 | Oven Controlled Crystal Oscillator | 1 | MTRONPTI |
| 9161A | OVEN CONTROLLED CRYSTAL OSCILLTORS OCXO | 1 | List of Unclassifed Manufacturers |
| VC-800 | Voltage Controlled Crystal Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| TCO-734A | Voltage Controlled Crystal Oscillator VCXO | 1 | List of Unclassifed Manufacturers |
| VC-700 | Voltage Controlled Crystal Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| K1536BLC | 3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator | 1 2 | MTRONPTI |
Datasheet Page |
1 2 |
Link URL |
|
|