Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK-A29C0 Datasheet (PDF) - Nel Frequency Controls,inc

SK-A29C0 Datasheet PDF - Nel Frequency Controls,inc
Part # SK-A29C0
Download  SK-A29C0 Download

File Size   38.71 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SK-A29C0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK-A29C0 Datasheet PDF - Nel Frequency Controls,inc

Part # SK-A29C0
Download  SK-A29C0 Click to download

File Size   38.71 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SK-A29C0 Datasheet (HTML) - Nel Frequency Controls,inc

SK-A29C0 Datasheet HTML 1Page - Nel Frequency Controls,inc SK-A29C0 Datasheet HTML 2Page - Nel Frequency Controls,inc

SK-A29C0 Product details

Description
The SK-A29C0 Series of quartz crystal oscillators provide DPECL Fast Edge compatible signals. This device is to operate using positive voltage and uses multiple ground pins for improved signal integrity. This device is intended to operate on positive voltage for PECL applications.

Features
 • Wide frequency range - 60.0MHz to 350.0MHz
 • User specified tolerance available
 • Case at electrical ground
 • Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
 • All metal, resistance weld, hermetically sealed package
 • High shock resistance, to 1500g
 • Low Jitter - Wavecrest jitter characterization available
 • High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
 • High Q Crystal actively tuned oscillator circuit
 • Power supply decoupling internal
 • High frequencies due to proprietary design
 • RoHS compliant, Lead-free construction




Similar Part No. - SK-A29C0

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SK-A29C0 NEL-SK-A29C0_10 Datasheet
89Kb / 3P
   Differential Positive ECL (DPECL)
More results


Similar Description - SK-A29C0

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com