|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S19235 - 10 G Ethernet/Fibre Channel/SONET/SDH Dual CDR - Applied Micro Circuits Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| S19256 | 10 G Ethernet / Fibre Channel / SONET / SDH Dual CDR 2km - 30km | 1 2 | Applied Micro Circuits Corporation |
| M5223L | DUAL SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS | 1 2 3 4 5 | Mitsubishi Electric Semiconductor |
| 74LVC2G00 | Dual 2-input NAND gate | 1 2 3 4 5 More | Panasonic Semiconductor |
| BAW56LT1 | Monolithic Dual Switching Diode Common Anode | 1 2 3 4 | Motorola, Inc |
| ADS5203 | DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| 0559-6200-00 | ISDN TRANSFORMERS Through Hole - Dual Package | 1 | Bel Fuse Inc. |
| DAP202U | Common Anode Silicon Dual Switching Diodes | 1 2 3 4 5 More | ON Semiconductor |
| MC145436 | DUAL TONE MULTIPLE FREQUENCY RECEIVER | 1 2 3 4 5 More | Motorola, Inc |
| DPAD | MONOLITHIC DUAL PICO AMPERE DIODES | 1 2 | Linear Integrated Systems |
Datasheet Page |
1 2 |
Link URL |
|
|