|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD9910 - 1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD9953 | 400 MSPS 14-Bit 1.8V CMOS Direct Digital Synthesizer | 1 2 3 4 5 More | Analog Devices |
| AD9951 | 400 MSPS 14-Bit 1.8 V CMOS Direct Digital Synthesizer | 1 2 3 4 5 More | Analog Devices |
| AD9954 | 400 MSPS 14-Bit 1.8 V CMOS Direct Digital Synthesizer | 1 2 3 4 5 More | Analog Devices |
| AD9952 | 400 MSPS 14-Bit 1.8 V CMOS Direct Digital Synthesizer | 1 2 3 4 5 More | Analog Devices |
| AD9859 | 400 MSPS 10-Bit 1.8 V CMOS Direct Digital Synthesizer | 1 2 3 4 5 More | Analog Devices |
| AD9858 | 1 GSPS Direct Digital Synthesizer | 1 2 3 4 5 More | Analog Devices |
| AD9857 | CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter | 1 2 3 4 5 More | Analog Devices |
| Q2334 | Dual Direct Digital Synthesizer | 1 2 3 4 5 More | QUALCOMM Incorporated |
| UPD1703C-011 | PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|