Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 
Shortcut : 80-0274-E(1)  

80-0274-E - VR Stamp¢ā With Serial EEPROM Speech Recognition Module - ETC

Click Here View 80-0274-E Datasheet

Part No.80-0274-E
Description VR Stamp¢ā With Serial EEPROM Speech Recognition Module
Download 80-0274-E Click here to View
File Size 84.75 Kbytes / 5 Pages
Maker ETC [ETC]
Homepage

Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
M9564064/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock STMicroelectronics
ST24C088 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection STMicroelectronics
TUSB2046B4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE Texas Instruments
NM34W022K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect Fairchild Semiconductor
AT24RF081K x 8 Dual Access EEPROM with RFID and Serial Interfaces ATMEL Corporation
M95512-W512Kbit Serial SPI Bus EEPROM With High Speed Clock STMicroelectronics
NM93C06L256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage 2.7V to 5.5V MICROWIRE Bus Interface National Semiconductor
IS34C02B2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection Integrated Silicon Solution, Inc
AT24C512BTwo-wire Serial EEPROM 512K 65 536 x 8 with Three Device Address Inputs ATMEL Corporation
ST24C1616 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection STMicroelectronics

Link URL :
Related keyword
  80-0274-E Datasheet   80-0274-E Cross Reference   80-0274-E Schematic   80-0274-E Distributor   80-0274-E Datenblatt   80-0274-E RoHS
  80-0274-E Equivalent   80-0274-E Application Notes   80-0274-E Data Sheet   80-0274-E component   80-0274-E Fiche Technique   80-0274-E Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer