![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
202AT-11 - THERMOPILE TYPE INFRARED SENSOR - ETC |
|
Click Here View 202AT-11 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TP337 | Thermopile Infrared Sensor | ETC |
| TS-1AMB | THERMOPILE INFRARED SENSOR | ETC |
| GL560 | Low Peak Forward Voltage Type ¥Õ 5 Resin Mold Package Infrared Emitting Diodes | Sharp Electrionic Components |
| LZ2346 | Twopower supply +5 V and +12 V operation CCIR 1/3 type B/W CCD Area Sensor for CCIR | Sharp Electrionic Components |
| ICX038DNB | Diagonal 8mm Type 1/2 CCD Image Sensor for NTSC Color Video Cameras | Sony Corporation |
| ICX058CK | Diagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Camera | Sony Corporation |
| ICX074AL | Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras | Sony Corporation |
| ICX086AKB | Diagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras | Sony Corporation |
| ICX206AK | Diagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras | Sony Corporation |
| ICX226AK | Diagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras | Sony Corporation |
Link URL |
|
|
Related keyword |
| 202AT-11 Datasheet | 202AT-11 Cross Reference | 202AT-11 Schematic | 202AT-11 Distributor | 202AT-11 Datenblatt | 202AT-11 RoHS |
| 202AT-11 Equivalent | 202AT-11 Application Notes | 202AT-11 Data Sheet | 202AT-11 component | 202AT-11 Fiche Technique | 202AT-11 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |