|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
YD1008 - 22W HI-FI AUDIO POWER AMPLIFIER - Wuxi Youda electronics Co.,LTD |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TDA2615 | 2 x 6 W hi-fi audio power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA2050 | 32W Hi-Fi AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | STMicroelectronics |
| TDA2051 | 40W Hi-Fi AUDIO POWER AMPLIFIER | 1 | STMicroelectronics |
| NTE1376 | Integrated Circuit Audio Power Amplifier 22W | 1 2 3 | NTE Electronics |
| TDA2052 | 60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY | 1 2 3 4 5 More | STMicroelectronics |
| TDA1521 | 2 x 12 W hi-fi audio power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA1521A | 2 x 6 W hi-fi audio power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TA7280P | 5.8W DUAL 22W BTL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| KIA3281H | BIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | KEC(Korea Electronics) |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|