![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
85122 - Subscriber Bridge - Bourns Electronic Solutions |
|
Click Here View 85122 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1863355X | Mega StarLEDs T5 16x35mm BA15d with bridge rectifier | Chicago Miniature Lamp,inc |
| 1863055X | Mega StarLEDs T5 16x35mm BA15d with bridge rectifier | Chicago Miniature Lamp,inc |
| 1507125XXXUC | MultiLEDs T6 8 with bridge rectifier | Chicago Miniature Lamp,inc |
| NTE1396 | Integrated Circuit 20W Bridge Booster for Car Radio | NTE Electronics |
| B1S | MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE - 100 to 1000 Volts CURRENT - 0.5 Amperes | Pan Jit International Inc. |
| GBPC15005 | HIGH CURRENT SILICON BRIDGE RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes | Pan Jit International Inc. |
| TDA8354Q | Full bridge current driven vertical deflection output circuit in LVDMOS | NXP Semiconductors |
| ME501210 | Three-Phase Diode Bridge Modules 100 Amperes/1200-1600 Volts | Powerex Power Semiconductors |
| PP600D120 | POW-R-PAK 600A / 1200V Half Bridge IGBT Assembly | Powerex Power Semiconductors |
| L6205 | DMOS DUAL FULL BRIDGE DRIVER | STMicroelectronics |
Link URL |
|
|
Related keyword |
| 85122 Datasheet | 85122 Cross Reference | 85122 Schematic | 85122 Distributor | 85122 Datenblatt | 85122 RoHS |
| 85122 Equivalent | 85122 Application Notes | 85122 Data Sheet | 85122 component | 85122 Fiche Technique | 85122 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |