|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CR2450 - 3.0 Volts 6.9 grams (0.24 oz.) 2.4 cubic centimeters (0.14 cubic inch) - Energizer |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CR1025 | 3.0 Volts 0.7 grams 0.02 oz. 0.2 cubic centimeters 0.01 cubic inch | 1 | Energizer |
| CR1216 | 3.0 Volts 0.7 grams 0.02 oz. 0.2 cubic centimeters 0.01 cubic inch | 1 | Energizer |
| CR1220 | 3.0 Volts 0.76 grams 0.03 oz. 0.25 cubic centimeters 0.02 cubic inch | 1 | Energizer |
| CR1616 | 3.0 Volts 1.2 grams 0.04 oz. 0.32 cubic centimeters 0.02 cubic inch | 1 | Energizer |
| CR1620 | 3.0 Volts 1.4 grams 0.05 oz. 0.4 cubic centimeters 0.02 cubic inch | 1 | Energizer |
| CR1632 | 3.0 Volts 1.8 grams 0.06 oz. 0.5 cubic centimeters 0.03 cubic inch 130 mAh to 2.0 volts | 1 | Energizer |
| CR2012 | 3.0 Volts 1.3 grams 0.04 oz. 0.3 cubic centimeters 0.02 cubic inch | 1 | Energizer |
| CR2016 | 3.0 Volts 1.9 grams 0.07 oz. 0.5 cubic centimeters 0.03 cubic inch | 1 2 | Energizer |
| CR2025 | 3.0 Volts 2.8 grams 0.10 oz. 0.8 cubic centimeters 0.05 cubic inch | 1 | Energizer |
| CR2032 | 3.0 Volts 3.3 grams 0.12 oz. 1.0 cubic centimeters 0.06 cubic inch | 1 2 | Energizer |
Datasheet Page |
1 |
Link URL |
|
|