|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CHF2010CNP - 10 W Power RF Chip Termination - Bourns Electronic Solutions |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CHF1206CNT | 20 W Power RF Chip Termination | 1 | Bourns Electronic Solutions |
| CHF3523CNT | 150 W Power RF Chip Termination | 1 | Bourns Electronic Solutions |
| CHF3725CNP | 40 W SMT Power RF Chip Termination | 1 2 | Bourns Electronic Solutions |
| CHF5225CAF | 20 W Power RF Flanged Chip Termination | 1 | Bourns Electronic Solutions |
| CHF5225CBF | 60 W Power RF Flanged Chip Termination | 1 | Bourns Electronic Solutions |
| CHF5225CNF | 60 W Power RF Flanged Chip Termination | 1 | Bourns Electronic Solutions |
| CHF8838CNF | 150 W Power RF Flanged Chip Termination | 1 | Bourns Electronic Solutions |
| CHF9838CBF | 250 W Power RF Flanged Chip Termination | 1 | Bourns Electronic Solutions |
| CHF12545CBF | 500 W Power RF Flanged Chip Termination | 1 | Bourns Electronic Solutions |
| CHF190104CBF | 800 W Power RF Flanged Chip Termination/Resistor | 1 | Bourns Electronic Solutions |
Datasheet Page |
1 2 |
Link URL |
|
|