Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      AND8020(2)    AND8028(2)

Featured Products and Offers


Datasheet

    AND8020 - Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure - Analog Devices

Page

 
Part No. AND8020
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
Download  AND8020 Click to view
File Size   173.24 Kbytes / 18 Pages
Maker  AD [Analog Devices]
Homepage  http://www.analog.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TEKS5412X01Silicon Photodetector with Logic Output 1 2 3 4 5 MoreTEMIC Semiconductors
NB100LVEP2242.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor
MP7613Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic 1 2 3 4 5 MoreExar Corporation
74LVC162244A16-bit buffer/line driver; with 30ohm series termination resistors 5V input/output tolerant 3-State 1 2 3 4 5 MoreNXP Semiconductors
AZ100EL16VSECL/PECL Differential Receiver with Variable Output Swing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HD74LV2GT125ADual Bus Buffer with 3-state Output / CMOS Logic Level Shifter 1 2 3 4 5 MoreRenesas Technology Corp
74LVC162373A16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state 1 2 3 4 5 MoreNXP Semiconductors
MC100EP16VC3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output 1 2 3 4 5 MoreON Semiconductor
74LVC162374A16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state 1 2 3 4 5 MoreNXP Semiconductors
STK1050IIThick Film Hybrid Integrated Circuit 50W min AF Power Amp Output Stage With Built-in Emitter Resistance 1 2 Sanyo Semicon Device

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Link URL

Related keyword

  AND8020 Datasheet   AND8020 Cross Reference   AND8020 Schematic   AND8020 Distributor   AND8020 Datenblatt   AND8020 RoHS
  AND8020 Equivalent   AND8020 Application Notes   AND8020 Data Sheet   AND8020 component   AND8020 Fiche Technique   AND8020 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl