Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      CCM01-2064(1)    CCM01-2065(1)

Featured Products and Offers


Datasheet

    CCM01-2064 - Available with 8 contacts which are designed to give a consistently reliable normal force over the life of the connector. - ITT Industries

Page

Part No. CCM01-2064
Description  Available with 8 contacts which are designed to give a consistently reliable normal force over the life of the connector.
Download  CCM01-2064 Click to view
File Size   170.52 Kbytes / 2 Pages
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GHB-3M30-BThe blue GHB-3M30-B and GHB- 5M30-B and green GHB-3M30-G LEDs are designed in an industry standard T-1 3/4 and T-1 packages with clear and nondiffuse 1 2 3 Gilway Technical Lamp
TC9155APThe TC9155/56AP is an optimum C2MOS IC which has been designed for electronization of tone control of audio equipment with the following features 1 2 3 4 5 MoreToshiba Semiconductor
W934GD5VTHE GREEN SOURCE COLOR DEVICES ARE MADE WITH GALLIUM PHOSPHIDE GREEN LIGHT EMITTING DIODE 1 2 3 Kingbright Corporation
SP8665BThe SP8865/8 are asynchronous ECL counters which provide ECL compatible outputs 1 2 3 4 List of Unclassifed Manufacturers
KS57P0504The KS57P0504 is the microcontroller which has 4 Kbyte one-time-programmable ROM and the functions are the same to KS57C0502/C0504 1 2 3 4 5 MoreSamsung semiconductor
L76761CSYCThe Super Bright Yellow source color devices are made with DH InGaAIP on GaAs substrate Light Emitting Diode. 1 2 3 Kingbright Corporation
KMH200LG33THE KMH SERIES CAPACITORS ARE COMPUTER GRADE CAPACITORS DESIGNED FOR A VERY LING LIFETIME 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CA04-41GWAThe Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. 1 2 3 Kingbright Corporation
FID3Z1LXThe FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AM2520SYC03The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. 1 2 3 4 Kingbright Corporation

Datasheet Page

1 2


Link URL

Related keyword

  CCM01-2064 Datasheet   CCM01-2064 Cross Reference   CCM01-2064 Schematic   CCM01-2064 Distributor   CCM01-2064 Datenblatt   CCM01-2064 RoHS
  CCM01-2064 Equivalent   CCM01-2064 Application Notes   CCM01-2064 Data Sheet   CCM01-2064 component   CCM01-2064 Fiche Technique   CCM01-2064 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl