|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EPT7040 - 4/16 Mbps Token Ring Transmit and Receive Module - PCA ELECTRONICS INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EPT7002 | 4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive | 1 | PCA ELECTRONICS INC. |
| EPT7010MG | 4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive | 1 | PCA ELECTRONICS INC. |
| EPT7001G | 4/16 Mbps Token Ring 16 Pin Modules for Transmit and Receive | 1 | PCA ELECTRONICS INC. |
| EPT7055AM | Token Ring Transceiver Module | 1 2 | PCA ELECTRONICS INC. |
| EPT7084G | Token Ring Transceiver Module | 1 2 | PCA ELECTRONICS INC. |
| EPT7061GM | Miniature Token Ring Transceiver Module | 1 2 | PCA ELECTRONICS INC. |
| EPT7088 | Token Ring Interface Module | 1 2 | PCA ELECTRONICS INC. |
| EPT7062 | Token Ring 20 Pin Transceiver Module | 1 | PCA ELECTRONICS INC. |
| EPT7090 | Token Ring Transmitter Module | 1 | PCA ELECTRONICS INC. |
| EPT7064 | Token Ring Integrated Filter Module | 1 | PCA ELECTRONICS INC. |
Datasheet Page |
1 |
Link URL |
|
|