|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TPS5410 - 1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TPS5420 | 2-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| HWD075DGE | HWD Series . 75 Watt Half-Brick DC/DC Converter Wide Input Range Dual Output | 1 2 3 4 5 More | Power-One |
| WPC03R | 3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER | 1 2 3 4 | C&D Technologies |
| LT1676 | Wide Input Range High Efficiency Step-Down Switching Regulator | 1 2 3 4 5 More | Linear Technology |
| WPC10R | 2:1 WIDE INPUT RANGE DC/DC CONVERTER | 1 2 3 4 | C&D Technologies |
| LT1776 | Wide Input Range High Efficiency Step-Down Switching Regulator | 1 2 3 4 5 More | Linear Technology |
| TPS54317 | 1.6 MHz 3-V TO 6-V INPUT 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| MIW1300 | 3W Wide Input Range DIP Single & Dual Output DC/DC Converter | 1 2 3 4 5 More | Minmax Technology Co., Ltd. |
| LTC1144 | Switched-Capacitor Wide Input Range Voltage Converter with Shutdown | 1 2 3 4 5 More | Linear Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 |
Link URL |
|
|