|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LP3881 - 0.8A Fast-Response Ultra Low Dropout Linear Regulators - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LP38841 | 0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors | 1 2 3 4 5 More | National Semiconductor |
| LP3892 | 1.5A Fast-Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3883 | 3A Fast-Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3893 | 3A Fast-Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3891 | 0.8A Fast-Response Ultra Low Dropout Linear | 1 2 3 4 5 More | National Semiconductor |
| LP3853 | 3A Fast Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP38843 | 3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors | 1 2 3 4 5 More | National Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|