Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145500 Datasheet (PDF) - Motorola, Inc

MC145500 Datasheet PDF - Motorola, Inc
Part # MC145500
Download  MC145500 Download

File Size   541.8 Kbytes
Page   28 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description PCM CODEC-FILTER MONO- CIRCUIT

MC145500 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145500 Datasheet PDF - Motorola, Inc

Part # MC145500
Download  MC145500 Click to download

File Size   541.8 Kbytes
Page   28 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description PCM CODEC-FILTER MONO- CIRCUIT

MC145500 Datasheet (HTML) - Motorola, Inc

Back Button MC145500 Datasheet HTML 1Page - Motorola, Inc MC145500 Datasheet HTML 2Page - Motorola, Inc MC145500 Datasheet HTML 3Page - Motorola, Inc MC145500 Datasheet HTML 4Page - Motorola, Inc MC145500 Datasheet HTML 5Page - Motorola, Inc MC145500 Datasheet HTML 6Page - Motorola, Inc MC145500 Datasheet HTML 7Page - Motorola, Inc MC145500 Datasheet HTML 8Page - Motorola, Inc MC145500 Datasheet HTML 9Page - Motorola, Inc MC145500 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC145500 Product details

The MC145500, MC145501, MC145502, MC145503, and MC145505 are all per channel PCM Codec–Filter mono–circuits. These devices perform the voice digitization and reconstruction as well as the band limiting and smoothing required for PCM systems.



MC145500 (This Device is Not Recommended for New Designs)

• 16–Pin Package

• Transmit Bandpass and Receive Low–Pass Filter On–Chip

• Pin Selectable Mu–Law/A–Law Companding with Corresponding Data Format

• On–Chip Precision Reference Voltage (3.15 V)

• Power Dissipation of 50 mW, Power–Down of 0.1 mW at ± 5 V

• Automatic Prescaler Accepts 128 kHz, 1.536, 1.544, 2.048, and 2.56 MHz for Internal Sequencing

MC145501 — All of the Above Plus:

(This Device is Not Recommended for New Designs)

• 18–Pin Package

• Selectable Peak Overload Voltages (2.5, 3.15, 3.78 V)

• Access to the Inverting Input of the TxI Input Operational Amplifier MC145502 — All of the Above Plus:

• 22–Pin and 28–Pin Packages

• Variable Data Clock Rates (64 kHz to 4.1 MHz)

• Complete Access to the Three Terminal Transmit Input Operational Amplifiers

• An External Precision Reference May Be Used MC145503 — All of the Above Features of the MC145500 Plus:

• 16–Pin Package

• Complete Access to the Three Terminal Transmit Input Operational Amplifiers

MC145505 — Same as MC145503 Except:

• 16–Pin Package

• Common 64 kHz to 4.1 MHz Transmit/Receive Data Clock




Similar Part No. - MC145500

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145502FN LANSDALE-MC145502FN Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502FN LANSDALE-MC145502FN Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502P LANSDALE-MC145502P Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502P LANSDALE-MC145502P Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
MC145503DW LANSDALE-MC145503DW Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
More results


Similar Description - MC145500

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
LANSDALE Semiconductor ...
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com