|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N4763A - 1W ZENER DIODE - ETC |
|
Click 1N4763A to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 3EZ3.9D5 | 3W SILICON ZENER DIODE | Jinan Gude Electronic Device |
| NTE2332 | Darlington Silicon NPN Transistor w/ Internal Damper & Zener Diode | NTE Electronics |
| UMZ27N | Zener diode | Rohm |
| 1AZ330 | ZENER DIODE CONSTANT VOLTAGE REGULATION | Toshiba Semiconductor |
| EDZ6.8B | Zener diode | Rohm |
| 1N4741A | GLASS PASSIVATED JUNCTION SILICON ZENER DIODE | Transys Electronics |
| ZMM5221B | 500mW 5% mini-M.E.L.F ZENER DIODE | Rectron Semiconductor |
| EDZ | Zener diode | Rohm |
| STZ56N | Zener Diode Array | Rohm |
| SI-5154S | High-side Power Switch with Diagnostic Function and Built-in Zener Diode | Sanken electric |
Link URL |
|
|
Related keyword |
| 1N4763A Datasheet | 1N4763A Cross Reference | 1N4763A Schematic | 1N4763A Distributor | 1N4763A Datenblatt | 1N4763A RoHS |
| 1N4763A Equivalent | 1N4763A Application Notes | 1N4763A Data Sheet | 1N4763A component | 1N4763A Fiche Technique | 1N4763A Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |