|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4752A - 1W ZENER DIODE - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3EZ3.9D5 | 3W SILICON ZENER DIODE | 1 2 | Jinan Gude Electronic Device |
| NTE2332 | Darlington Silicon NPN Transistor w/ Internal Damper & Zener Diode | 1 2 | NTE Electronics |
| UMZ27N | Zener diode | 1 2 3 | Rohm |
| 1AZ330 | ZENER DIODE CONSTANT VOLTAGE REGULATION | 1 2 3 | Toshiba Semiconductor |
| EDZ6.8B | Zener diode | 1 2 3 4 5 | Rohm |
| 1N4741A | GLASS PASSIVATED JUNCTION SILICON ZENER DIODE | 1 2 3 4 5 | Transys Electronics |
| ZMM5221B | 500mW 5% mini-M.E.L.F ZENER DIODE | 1 2 | Rectron Semiconductor |
| EDZ | Zener diode | 1 2 | Rohm |
| STZ56N | Zener Diode Array | 1 2 | Rohm |
| SI-5154S | High-side Power Switch with Diagnostic Function and Built-in Zener Diode | 1 2 | Sanken electric |
Datasheet Page |
1 2 |
Link URL |
|
|