|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UT180020 - Diffuse reflection sensor (analogue/digital) - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MPX4101 | INTEGRATED PRESSURE SENSOR 15 to 102 kPa 2.18 to 14.8 psi 0.25 to 4.95 V Output | 1 2 3 4 5 More | Motorola, Inc |
| UPD3719 | 10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR | 1 2 3 4 5 More | NEC |
| NJM2072 | SIGNAL LEVEL SENSOR SYSTEM | 1 2 3 4 5 More | New Japan Radio |
| LM83 | Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface | 1 2 3 4 5 More | National Semiconductor |
| LM75 | 2-Wire Serial Temperature Sensor and Monitor | 1 2 3 4 5 More | ON Semiconductor |
| KM110B | Magnetic field sensor | 1 2 3 4 5 More | NXP Semiconductors |
| CNY70 | Reflective Optical Sensor with Transistor Output | 1 2 3 4 5 More | Vishay Siliconix |
| TCYS5201 | Transmissive Optical Sensor with Schmitt Trigger Logic Output | 1 2 3 4 5 | Vishay Siliconix |
| TK11032 | TEMPERATURE SENSOR IC | 1 2 3 4 5 More | TOKO, Inc |
| TA8563FN | SHOCK SENSOR IC 1ch VERSION | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|