|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NTB45N06LT4G - 45 Amps, 60 Volts, Logic Level, N−Channel TO−220 and D2PAK - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTP18N06L | Power MOSFET 15 Amps 60 Volts Logic Level N−Channel TO−220 and DPAK | 1 2 3 4 5 More | ON Semiconductor |
| NTP75N03-06 | Power MOSFET 75 Amps 30 Volts N−Channel TO−220 and D2PAK | 1 2 3 4 5 More | ON Semiconductor |
| NTD3055L170 | 9.0 Amps 60 Volts Logic Level N−Channel DPAK | 1 2 3 4 5 More | ON Semiconductor |
| MGP19N35CL | Ignition IGBT 19 Amps 350 Volts N−Channel TO−220 and D-2PAK | 1 2 3 4 5 More | ON Semiconductor |
| NTB23N03R | Power MOSFET 23 Amps 25 Volts N−Channel D2PAK | 1 2 3 4 5 More | ON Semiconductor |
| NGB18N40CLBT4 | 18 Amps 400 Volts N-Channel D2PAK | 1 2 3 4 5 More | ON Semiconductor |
| NTP30N06L | Power MOSFET 30 Amps 60 Volts Logic Level | 1 2 3 4 5 More | ON Semiconductor |
| NTD20N06L | Power MOSFET 20 Amps 60 Volts Logic Level | 1 2 3 4 5 More | ON Semiconductor |
| NTP60N06 | 60 V 60 A N-Channel TO-220 and D2PAK | 1 2 3 4 5 More | ON Semiconductor |
| NTB30N20 | Power MOSFET 30 Amps 200 Volts N−Channel Enhancement−Mode D2PAK | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|