Datasheet Search System
Mirror site :
alldatasheet.net,
alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name
Included
start with
end
match
Description
Shortcut :
74LV240
(6)
74LV241
(6)
74LV244
(8)
74LV245
(7)
74LV244 - Octal buffer/line driver 3-State - Philips Semiconductors
Click Here View
74LV244
Datasheet
Part No.
74LV244
Description
Octal buffer/line driver 3-State
Download
74LV244
Click here
to View
File Size
114.79 Kbytes / 12 Pages
Maker
PHILIPS [Philips Semiconductors]
Homepage
http://www.semiconductors.philips.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
MC54-74HC240A
Octal
3-State
Inverting
Buffer/Line
Driver/Line
Receiver
Motorola, Inc
MC74HCT240A
Octal
3-State
Inverting
Buffer/Line
Driver/Line
Receiver
with
LSTTL-Compatible
Inputs
Motorola, Inc
SN54LS540
OCTAL
BUFFER/LINE
DRIVER
WITH
3-STATE
OUTPUTS
Motorola, Inc
MC74HC240A
Octal
3-State
Inverting
Buffer/Line
Driver/Line
Receiver
ON Semiconductor
MC74HCT541A
Octal
3-State
Non-Inverting
Buffer/Line
Driver/Line
Receiver
With
LSTTL-Compatible
Inputs
ON Semiconductor
74LVC541A
Octal
buffer/line
driver
with
5-volt
tolerant
inputs/outputs
3-State
Philips Semiconductors
74LVT2241
3.3V
Octal
buffer/line
driver
with
30ohm
series
termination
resistors;
3-State
Philips Semiconductors
SN74LVC240A
OCTAL
BUFFER/DRIVER
WITH
3-STATE
OUTPUTS
Texas Instruments
74ABT241
Octal
Buffer/Line
Driver
with
3-STATE
Outputs
Fairchild Semiconductor
74F540
Octal
Buffer/Line
Driver
with
3-STATE
Outputs
Fairchild Semiconductor
Link URL :
Related keyword
74LV244 Datasheet
74LV244 Cross Reference
74LV244 Schematic
74LV244 Distributor
74LV244 Datenblatt
74LV244 RoHS
74LV244 Equivalent
74LV244 Application Notes
74LV244 Data Sheet
74LV244 component
74LV244 Fiche Technique
74LV244 Circuit
Does ALLDATASHEET.COM help your business so far?
All Rights Reserved©
Alldatasheet.com
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer