|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OX6134A-LX - OCXO - Raltron Electronics Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| C4530 | OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package | 1 2 3 4 5 More | Vectron International, Inc |
| HCD666 | OCXO HCMOS Output - Fast Warm Up | 1 | Golledge Electronics Ltd |
| XO5162 | 14 pin DIP 5.0 Volt Sinewave OCXO | 1 | MTRONPTI |
| OX6740A | OCXO | 1 2 | Raltron Electronics Corporation |
| C4600 | OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up | 1 2 3 4 | Vectron International, Inc |
| MCOCXO | 12V OCXO HCMOS Output 14-pin DIL | 1 | Golledge Electronics Ltd |
| XO5163 | 14 pin DIP 12.0 Volt Sinewave OCXO | 1 | MTRONPTI |
| OX6494A | OCXO | 1 2 | Raltron Electronics Corporation |
| C4700 | OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal | 1 2 3 4 | Vectron International, Inc |
| MCOCXOS | 12V OCXO Sine Output 14-pin DIL | 1 | Golledge Electronics Ltd |
Datasheet Page |
1 2 |
Link URL |
|
|