Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8201CP-LF Datasheet (PDF) - List of Unclassifed Manufacturers

RTL8201CP-LF Datasheet PDF - List of Unclassifed Manufacturers
Part # RTL8201CP-LF
Download  RTL8201CP-LF Download

File Size   543.9 Kbytes
Page   38 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)

RTL8201CP-LF Datasheet (PDF)

Go To PDF Page Download Datasheet
RTL8201CP-LF Datasheet PDF - List of Unclassifed Manufacturers

Part # RTL8201CP-LF
Download  RTL8201CP-LF Click to download

File Size   543.9 Kbytes
Page   38 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)

RTL8201CP-LF Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button RTL8201CP-LF Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

RTL8201CP-LF Product details

[Realtek]

General Description
The RTL8201CP is a single-chip/single-port PHYceiver with an MII (Media Independent Interface)/SNI (Serial Network Interface). It implements all 10/100M Ethernet Physical-layer functions including the Physical Coding Sublayer (PCS), Physical Medium Attachment (PMA), Twisted Pair Physical Medium Dependent Sublayer (TP-PMD), with an auto crossover detection function, 10Base-Tx Encoder/Decoder, and Twisted-Pair Media Access Unit (TPMAU).
A PECL (Pseudo Emitter Coupled Logic) interface is supported to connect with an external 100Base-FX fiber optical transceiver. The chip utilizes an advanced CMOS process to meet low voltage and low power requirements. With on-chip DSP (Digital Signal Processing) technology, the chip provides excellent performance under all operating conditions.
The RTL8201CP can be used for applications such as those for a Network Interface Adapter, MAU (Media Access Unit), CNR (Communication and Network Riser), ACR (Advanced Communication Riser), an Ethernet hub, and an Ethernet switch. In addition, it can be used in any embedded system with an Ethernet MAC that needs a UTP physical connection or Fiber PECL interface to an external 100Base-FX optical transceiver module.

Features
The Realtek RTL8201CP is a Fast Ethernet PHYceiver with selectable MII or SNI interface to the MAC chip. It provides the following features:
■ Pin-to-pin compatible with the RTL8201BL
■ Supports MII and 7-wire SNI (Serial Network Interface)
■ 10/100Mbps operation
■ Full/half duplex operation
■ Twisted pair or fiber mode output
■ Auto-Negotiation
■ Supports power down mode
■ Supports operation under Link Down Power Saving mode
■ Supports Base Line Wander (BLW) compensation
■ Supports auto crossover detection (new RTL8201CP function)
■ Supports repeater mode
■ Adaptive Equalization
■ Network status LEDs
■ Flow control support
■ 25MHz crystal/oscillator as clock source
■ IEEE 802.3/802.3u compliant
■ Supports IEEE 802.3u clause 28; 1.8V operation with 3.3V IO signal tolerance
■ Low dual power supply, 1.8V and 3.3V; 1.8V is generated by an internal regulator
■ 0.18µm CMOS process
■ 48-pin LQFP package




Similar Part No. - RTL8201CP-LF

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
More results


Similar Description - RTL8201CP-LF

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com