|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RD2.0M - ZENER DIODES 200 mW 3-PIN MINI MOLD - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RD39MW | ZENER DIODES 200 mW 3-PIN MINI MOLD | 1 2 3 4 5 More | NEC |
| RD47M | ZENER DIODES 200 mW 3-PIN MINI MOLD | 1 2 3 4 5 More | NEC |
| RD120S | ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD | 1 2 3 4 5 More | NEC |
| RD39UM | ZENER DIODES 2PIN ULTRA SUPER MINI MOLD | 1 2 3 4 5 More | NEC |
| RD39UJ | LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD | 1 2 3 4 5 More | NEC |
| BZT52C2V4S | 200 mW Zener Diodes 2.4 to 39 Volts | 1 2 3 4 | Micro Commercial Components |
| BZX84C2V4W | Silicon 200 mWatt Zener Diodes | 1 2 3 4 | Micro Commercial Components |
| ZMM52 | SURFACE MOUNT ZENER DIODES/MINI MELF | 1 2 | Jinan Gude Electronic Device |
| ZMM55C | SURFACE MOUNT ZENER DIODES/MINI - MELF | 1 2 | Jinan Gude Electronic Device |
| RD4.7P | 1W POWER MINI MOLD ZENER DIODE | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|