Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ942H Datasheet (PDF) - ZETTLER Electronics

AZ942H Datasheet PDF - ZETTLER Electronics
Part # AZ942H
Download  AZ942H Download

File Size   52.43 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 12 AMP MINIATURE MINIATURE

AZ942H Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ942H Datasheet PDF - ZETTLER Electronics

Part # AZ942H
Download  AZ942H Click to download

File Size   52.43 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 12 AMP MINIATURE MINIATURE

AZ942H Datasheet (HTML) - ZETTLER Electronics

AZ942H Datasheet HTML 1Page - ZETTLER Electronics AZ942H Datasheet HTML 2Page - ZETTLER Electronics

AZ942H Product details

FEATURES

• Extremely low cost

• 12 Amp switching capacity

• Proof tracking index (PTI/CTI) 250

• Clearance and creepage distance >2.5 mm

• Class F insulation (155 °C) available

• Meets IEEE 587 6 kV lightning surge

• UL, CUR file E43203,

• VDE file 40010958




Similar Part No. - AZ942H

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ942H AZETTLER-AZ942H Datasheet
82Kb / 2P
   12 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ942H-1A-12D AZETTLER-AZ942H-1A-12D Datasheet
82Kb / 2P
   12 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942H-1A-12DT ZETTLER-AZ942H-1A-12DT Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
AZ942H-1A-18DT ZETTLER-AZ942H-1A-18DT Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results


Similar Description - AZ942H

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ942H AZETTLER-AZ942H Datasheet
82Kb / 2P
   12 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
SRUDH MACOM-SRUDH Datasheet
118Kb / 2P
   12 Amp Miniature Power PC Board Relay
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
logo
TE Connectivity Ltd
114-1016 TEC-114-1016 Datasheet
299Kb / 8P
   Miniature AMP-IN* Contacts and Miniature AMP-IN 2000 Contacts
logo
American Zettler, Inc.
AZ2310 AZETTLER-AZ2310 Datasheet
83Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ769 AZETTLER-AZ769 Datasheet
92Kb / 2P
   25 AMP MINIATURE POWER RELAY
AZ942A AZETTLER-AZ942A Datasheet
86Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com