|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AZ8P - 10 A MINIATURE POWER RELAY BISTABLE (LATCHING) - ZETTLER Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AZ832P | POLARIZED DIP RELAY BISTABLE LATCHING | 1 2 | List of Unclassifed Manufacturers |
| HG4138B | Miniature PCB / QC Power Relay | 1 2 | DB Lectro Inc |
| AZ764H | 16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY | 1 2 | ZETTLER Electronics |
| AZ830P | POLARIZED DIP RELAY BISTABLE LATCHING | 1 2 | ZETTLER Electronics |
| ADQ13Q04H | 30A POWER LATCHING RELAY | 1 2 3 | Nais(Matsushita Electric Works) |
| JQX-115F | MINIATURE HIGH POWER RELAY | 1 2 | List of Unclassifed Manufacturers |
| AZ970 | 40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE | 1 2 | ZETTLER Electronics |
| AZ940 | 10 AMP MINIATURE POWER RELAY | 1 2 | ZETTLER Electronics |
| PC459 | DPDT Miniature PCB Power Relay | 1 2 | Picker Components |
| HG4138L | Miniature PCB / QC Heavy Duty Power Relay | 1 2 | DB Lectro Inc |
Datasheet Page |
1 2 |
Link URL |
|
|