Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      LTC2440(6)    LTC2442(3)    LTC2444(5)    LTC2445(4)    LTC2446(3)    LTC2447(3)    LTC2448(5)    LTC2449(5)

Featured Products and Offers


Datasheet

    LTC2444 - 24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution - Linear Technology

Page

 
Part No. LTC2444
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
Download  LTC2444 Click to view
File Size   261.21 Kbytes / 28 Pages
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADUC841MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU 1 2 3 4 5 MoreAnalog Devices
AD7821LC2MOS High Speed mP-Compatible 8-Bit ADC with Track/Hold Function 1 2 3 4 5 MoreAnalog Devices
A1421High Accuracy Analog Speed Sensor with Integrated Filter Capacitor 1 2 3 4 5 MoreAllegro MicroSystems
IXSH30N60U1Low VCE sat IGBT with Diode High Speed IGBT with Diode Combi Packs Short Circuit SOA Capability 1 2 3 4 5 MoreIXYS Corporation
A63P73361128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output 1 2 3 4 5 MoreAMIC Technology
HI-715210-Bit High Speed A/D Converter with Track and Hold 1 2 3 4 5 MoreIntersil Corporation
ST950222 Kbit Serial SPI EEPROM with High Speed Clock 1 2 3 4 5 MoreSTMicroelectronics
MP87L76CMOS 10MSPS 8-BIT HIGH SPEED LOW POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN 1 2 3 4 5 MoreExar Corporation
CD74HC273High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 1 2 3 4 5 MoreTexas Instruments
OXU140CMUSB On-The-Go Full Speed Host High Speed Peripheral with Multi-Storage Interface 1 2 3 4 5 MoreOxford Semiconductor

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Link URL

Related keyword

  LTC2444 Datasheet   LTC2444 Cross Reference   LTC2444 Schematic   LTC2444 Distributor   LTC2444 Datenblatt   LTC2444 RoHS
  LTC2444 Equivalent   LTC2444 Application Notes   LTC2444 Data Sheet   LTC2444 component   LTC2444 Fiche Technique   LTC2444 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl