|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SGL-0263Z - 1400 - 2500 MHz Silicon Germanium Cascadable Low Noise Amplifier - SIRENZA MICRODEVICES |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SGL-0163 | 800-1000 MHZ LOW NOISE AMPLIFIER 50 OHM SILICON GERMANIUM | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| SGL-0363Z | 5-2000 MHz Low Noise Amplifier Silicon Germanium | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| ZRL-1150LN | Low Noise Amplifier 50⦠500 to 1400 MHz | 1 | Mini-Circuits |
| MAALSS0048 | Low Noise Amplifier 1400 - 2000 MHz | 1 2 3 4 5 More | Tyco Electronics |
| ZRL-2300 | Low Noise Amplifier 50⦠1400 to 2300 MHz | 1 | Mini-Circuits |
| INA-01100 | Low Noise Cascadable Silicon Bipolar MMIC Amplifier | 1 2 3 | Agilent(Hewlett-Packard) |
| INA-01170 | Low Noise Cascadable Silicon Bipolar MMIC Amplifier | 1 2 3 | Agilent(Hewlett-Packard) |
| AM50-0006 | Low Noise Amplifier 1400 - 2000 MHz | 1 2 3 4 5 More | Tyco Electronics |
| INA-02100 | Low Noise Cascadable Silicon Bipolar MMIC Amplifier | 1 2 3 | Agilent(Hewlett-Packard) |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|