|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SMBJ5.0A - 600W Surface Mount Transient Voltage Suppressors - Weitron Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P6SMBJ6V8 | Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors | 1 2 3 4 5 | Littelfuse |
| SMBJ5.0 | Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors | 1 2 3 4 5 | Littelfuse |
| P6SMBJ | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Won-Top Electronics |
| P6SMB | 600W Surface Mount Transient Voltage Suppressors | 1 2 3 4 | Weitron Technology |
| 30SMCJ | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Won-Top Electronics |
| P4SMAJ | 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Won-Top Electronics |
| SMAJ5.0 | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 | List of Unclassifed Manufacturers |
| 1.5SMC43CA | Surface Mount TRANSZORB Transient Voltage Suppressors | 1 2 3 | Vishay Siliconix |
| SMBJ5.0A | Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors | 1 2 3 4 | Littelfuse |
| SM8S | Surface Mount Automotive Transient Voltage Suppressors | 1 2 3 | Vishay Siliconix |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|